Part Number Hot Search : 
A10DD AD100 ADG70 VNQ660 BC857 BC857 9LV16 74ALS251
Product Description
Full Text Search
 

To Download 2SC5207A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC5207A
Silicon NPN Triple Diffused Planar
Application
Character display horizontal deflection output
TO-3PFM (N)
Features
* High speed switching tf = 0.2 sec(typ) * Wide drive current capability
1
2 3
1. Base 2. Collector 3. Emitter
Absolute Maximum Ratings (Ta = 25C)
Item Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector surge current Collector power dissipation Junction temperature Storage temperature Note: 1. Value at Tc = 25C Symbol VCBO VCEO VEBO IC ic(surge) PC*1 Tj Tstg Ratings 1500 800 6 10 20 50 150 -55 to +150 Unit V V V A A W C C
-------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
2SC5207A
Electrical Characteristics (Ta = 25C)
Item Collector to emitter breakdown voltage Emitter to base breakdown voltage Collector cutoff current Symbol V(BR)CEO V(BR)EBO ICES hFE1 hFE2 VCE(sat) VBE(sat) tf Min 800 Typ -- Max -- Unit V Test conditions IC = 10 mA, RBE = IE = 10 mA, IC = 0 VCE = 1500 V, RBE = 0 VCE = 5 V, IC = 1 A VCE = 5 V, IC = 5 A V IC = 6 A, IB = 1.6 A IC = 6 A, IB = 1.6 A ICP = 6 A, IB1 = 1.5 A, fH=31.5kHz
-------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
6 -- -- V
--------------------------------------------------------------------------------------
-- -- 500 A
--------------------------------------------------------------------------------------
DC current transfer ratio 8 -- 30
--------------------------------------------------------------------------------------
DC current transfer ratio 4 -- 7
--------------------------------------------------------------------------------------
Collector to emitter saturation voltage Base to emitter saturation voltage Fall time -- -- 5
--------------------------------------------------------------------------------------
-- -- 1.5 V
--------------------------------------------------------------------------------------
-- 0.2 0.4 sec
--------------------------------------------------------------------------------------
Maximum Collector Power Dissipation Curve Pc (W) 80 I C (A)
Area of Safe Operation 20 (100 V, 20 A) Ta = 25 C For picture tube arcing
16
Collector Power Dissipation
60
40
Collector Current
12
8 (800 V, 4 A) 0.5 mA
20
4
0
50 100 Case Temperature
150 Tc (C)
200
0
800 1200 1600 2000 400 Collector to Emitter Voltage V CE (V)
2SC5207A
Typical Output Characteristics 10 I C (A) 100 h FE 50
Pc
2.0 A 1.8 A 1.6 A 1.4 A 1.2 A 1.0 A 0.8 A 0.6 A 0.4 A
0.2 A
DC Current Transfer Ratio vs. Collector Current
75 C 25 C
DC Current Transfer Ratio
= 50 W
Collector Current
20 10 5 2 1 0.1 VCE = 5 V 0.2 0.5 1 Collector Current 2 5 I C (A) 10 Tc = -25 C
5
Tc = 25 C
IB=0
0
5 10 Collector to Emitter Voltage V CE (V)
Collector to Emitter Saturation Voltage vs. Collector Current Collector to Emitter Saturation Voltage V CE(sat) (V) 10 5 2 1 Tc = -25 C 25 C 75 C IC / I B= 4 10 Base to Emitter Saturetion Voltage V BE(sat) (V) 5 2
Base to Emitter Saturation Voltage vs. Collector Current I C/ I B= 4
Tc = -25C 1
25 C
0.5 0.2
0.5 75 C 0.2 0.1 0.2 0.5 1 2 5 Collector Current I C (A) 10
0.1 0.2 0.5 1 2 5 Collector Current I C (A) 10
0.05 0.1
2SC5207A
Collector to Emitter Saturation Voltage vs. Base Current Collector to Emitter Saturation Voltage V CE(sat) (V) 10 Tc = 25 C
Fall Time vs. Base Current 1.0 I CP = 6 A f H = 31.5 kHz
0.8 Fall Time t f (s)
0.6
5
I C= 4 A
6A
8A
0.4
0.2 0 0.4
0 0.1
0.2
0.5 1 Base Current
2 I B (A)
5
10
0.8
1.2
1.6
2.0
2.4
Base Current I B1 (A)
Package Outline
3.2 5.0 0.3
16.0 Max
5.8 Max
2.7
4.0 2.6 1.4 Max 1.6 1.4 Max 21.0 0.5 3.2
5.0
19.9 0.3
0.9 0.66 +0.2 -0.1 5.45 0.5 5.45 0.5
+0.2 -0.1


▲Up To Search▲   

 
Price & Availability of 2SC5207A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X